PART |
Description |
Maker |
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFD120 |
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.27ohm,身份证\u003d 1.3a标准 Power MOSFET(Vdss=100V/ Rds(on)=0.27ohm/ Id=1.3A) HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRF9540NSPBF IRF9540NLPBF IRF9540NSTRLPBF IRF9540N |
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mヘ , ID = -23A ) HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mΩ , ID = -23A ) Advanced Process Technology
|
International Rectifier
|
IRF6215LPBF IRF6215SPBF IRF6215RLPBF |
Advanced Process Technology HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29ヘ , ID=-13A ) HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29Ω , ID=-13A )
|
Vishay Siliconix International Rectifier
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFI840GLC IRFI840GLCPBF |
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=4.5A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRF7726 IRF7726TR |
Ultra Low On-Resistance Power MOSFET(Vdss=-30V) HEXFET? Power MOSFET -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package
|
IRF[International Rectifier]
|
IRF1407L IRF1407S IRF1407STRR |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss = 75V, Rds(on) = 0.0078з, Id = 100A?) Power MOSFET(Vdss = 75V, Rds(on) = 0.0078, Id = 100A) Power MOSFET(Vdss = 75V/ Rds(on) = 0.0078/ Id = 100A) TRANSISTOR | MOSFET | N-CHANNEL | 75V V(BR)DSS | 100A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 75V的五(巴西)直| 100号A(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|